PART |
Description |
Maker |
G615B G61XB G618B G611B G619B |
MULTI-ELEMENT LED LIGHT SOURCE T-1, (3-mm) Round, PCB Mount, Right Anle Array, G61XB Series Tantalum Molded Capacitor; Capacitance: 68uF; Voltage: 4V; Case Size: 2.8x1.9 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 220uF; Voltage: 2.5V; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 220uF; Voltage: 4V; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 33uF; Voltage: 4V; Case Size: 1.6x3.2 mm; Packaging: Tape & Reel
|
List of Unclassifed Manufacturers ETC[ETC] Instrument Design Engineering Associates N.A. Electronic Theatre Controls, Inc.
|
T491A475M010ZT B45196H2475M109 |
Capacitor, Tantalum, SMD, Molded, 4.7 uF, 3216, /-20% Tol, 10V@85C
|
Kemet Corporation
|
T521X107M025ATE060 |
Capacitor, Tantalum, SMD, Polymer, Molded, Low ESR, Non-Combustible, 100 uF, 7343, /-20% Tol, 25 V (105C)
|
Kemet Corporation
|
KBL005 KBL02 KBL04 KBL10 KBL08 KBL01 KBL06 |
Tantalum Molded Capacitor; Capacitance: 10uF; Voltage: 16V; Packaging: Tape & Reel SINGLE-PHASE SILICON BRIDGE
|
GOOD-ARK[GOOD-ARK Electronics] http://
|
TA035TCM226KER TA016TCM475MAR TA025TCM226MDR |
CAP CHP TANT 22UF 35V 10% CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 22 uF, SURFACE MOUNT 4.7 UF TANTALUM CAPACITOR CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 4.7 uF, SURFACE MOUNT CAP`TNT`SM`PLZ`22`UF`25V`20^```D-CASE CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 22 uF, SURFACE MOUNT
|
Venkel, Ltd.
|
KBK20J |
Tantalum Molded Capacitor; Capacitance: 22uF; Voltage: 16V; Case Size: 5.8x2.3 mm; Packaging: Tape & Reel 技术规格单相硅桥式整流
|
DC Components Co., Ltd.
|
KA558D2 KA558B KA558BD KA558 KA558_KA558B |
Tantalum Molded High Reliability Capacitor; Capacitance: 68uF; Voltage: 6.3V; Case Size: 7.3x4.3 mm; Packaging: Tape & Reel Quad Timer From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
CWR11CK107KZZTR13 CWR11CK107JZZTR CWR11CK106JZZTR1 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 100 uF, SURFACE MOUNT, 2916 CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 10 uF, SURFACE MOUNT, 1411 CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 15 uF, SURFACE MOUNT, 1411 CHIP CAP 1UF 50V 10% TANT SMD-6032-28 TR-7-PL B-FAILURE CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 1 uF, SURFACE MOUNT, 2412
|
AVX, Corp.
|
CWR09CK106KZA CWR09CK107JZA CWR09CK106MZA CWR09CC1 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 10 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 100 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.15 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.1 uF, SURFACE MOUNT CHIP CAP 15UF 10V 10% TANT SMD-6034-18 BULK C-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 15 uF, SURFACE MOUNT CAP 33UF 15V 10% TANT SMD-7238-28 BULK C-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 15 V, 33 uF, SURFACE MOUNT CAP 10UF 25V 10% TANT SMD-6728-28 BULK C-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 10 uF, SURFACE MOUNT
|
AVX, Corp.
|
TAZG336K010CRST0823 TAZG336K010CRST0824 TAZG336K01 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 33 uF, SURFACE MOUNT, 2711 CHIP CAP 15UF 25V 10% TANT SMD-7238-28 WAFFLE-PAK C-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 15 uF, SURFACE MOUNT, 2915 CAP 3.3UF 10V 10% TANT SMD-5013-13 TR-7 B-MIL-PRF-5365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 3.3 uF, SURFACE MOUNT, 2005 CAP 3.3UF 20V 10% TANT SMD-5025-13 TR-7 B-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 3.3 uF, SURFACE MOUNT, 2010 CAP 4.7UF 50V 10% TANT SMD-.285X.150 TR-7-PL B-FAILURE CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 4.7 uF, SURFACE MOUNT, 2915
|
AVX, Corp.
|
T494B476K006AT |
Tantalum, MnO2 Tantalum, T494, 47 uF, 10%, 6.3 V, 3528, SMD, MnO2, Molded, Low ESR, 500 mOhms, 2.1mm
|
Kemet Corporation
|
|